Part Number Hot Search : 
527298B SIL25C SK321 5253B HT761210 SC9308P AR258 D100L
Product Description
Full Text Search
 

To Download 1N4148DO34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148 DO34
Features
* Silicon epitaxial planar diode * Fast switching diodes * 500mW power dissipation * This diode is also available in the Mini-MELF case with the type designation LL4148
SMALL SIGNAL SWITCHING DIODES
DO-34(GLASS)
0.79(2.0) MAX. DIA.
1.02(26.0) MIN.
0.106(2.9) MAX.
Mechanical Data
* Case: DO-35 glass case * Polarity: Color band denotes cathode end * Weight: Approx. 0.13 gram
0.017(0.42) MAX. DIA.
1.02(26.0) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified)
Reverse Voltage Peak Reverse Voltage Average rectified current, Half wave rectification with Resistive load at TA=25E and FA 50Hz Surge forward current at t<1S and TJ=25E Power dissipation at TA=25E Junction temperature Storage temperature range
Symbol VR VRM IAV IFSM Ptot TJ TSTG
Value
75 100 1501) 500 5001) 175 -65 to +175
Units
Volts Volts mA mA mW E E
1) Vaild provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
Electrical characteristics
(Ratings at 25E ambient temperature unless otherwise specified)
Forward voltage Leakage current
at VR=20V at VR=75V at VR=20V, TJ=150E
Junction Capacitance at VR=VF=0V Voltage rise when switching ON tested with 50mA pulse tp=0.1i S, Rise time<30i S, fp=5 to 100KHz Reverse Recovery time from IF=10mA to IR=1mA, VR=6V, RL=100O Thermal resistance, junction to Ambient Rectification efficiency at f=100MHz, VRF=2V
Symbols VF IR IR IR CJ Vfr trr ReJA
Min.
Typ.
Max.
1 25 5 50 4 2.5 4 3501)
Units
Volts nA i A i A pF Volts ns K/W
c
0.45
1) Vaild provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
RATINGS AND CHARACTERISTIC CURVES 1N4148
FIG.1-FORWARD CHARACTERISTICS mA
103
FIG.2-DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT
O
104
TJ= 25E f=1KHz
102 103 TJ=100E 10 TJ=25E
IF
rF
102
1
10-1
10
10-2 0 1 2V
1
10-2
10-1
1
10
102
mA
VF
IF
FIG.3-ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE mW
1000 900 800 700
FIG. 4-RELATIVE CAPACITANCE VERSUS VOLTAGE
1.1
TJ= 25E f=1MHz Ctot(VR) Ctot(OV)
1.0
Ptot
600 500 400 300 200 100 0 0 100 200 E
0.9
0.8
0.7
0
2
4
6
8
10V
TA
VR
RATINGS AND CHARACTERISTIC CURVES 1N4148
FIG.5-RECTIFICATION EFFICIENCY MEASUREMENT CIRCUIT FIG.6-LEAKAGE CURRENT VERSUS JUNCTION TEMPERATURE nA
104
D.U.T. 60 O VRF=2V 2nF 5KO VO
103
102
10
VR= 20V
1 0 100 200 E
FIG.7-ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
A
100
V=tp/T IFRM
10 n=0
T=1/fp IFRM
tp
T
0.1 1 0.2 0.5
0.1 10-5 10-4 10-3 10-2 10-1 1 10S
tp


▲Up To Search▲   

 
Price & Availability of 1N4148DO34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X